PART |
Description |
Maker |
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 3.0A SINGLE - PHASE SILICON BRIDGE 3.0A的单-相硅
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp.
|
KBPC1008P KBPC1010P KBPC1002P KBPC10005P KBPC1001P |
Rail-To-Rail uPower Precision Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 10 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 10 AMP SILICON BRIDGE RECTIFIER
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
KBPC102 KBPC106 KBPC108 KBPC110 2W005 2W01 2W02 2W |
SINGLE PHASE SILICON BRIDGE RECTIFIER Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC -40 to 125
|
http:// SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronics Co., LTD.
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
LTC20531 LTC2053CDD LTC2053CMS8 LTC2053HMS8 LTC205 |
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 20 uV OFFSET-MAX, PDSO8 Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
|
Linear Technology, Corp.
|
ISL28236FUZ ISL28236SOICEVAL1Z ISL28236FBZ ISL2823 |
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
|
Intersil Corporation
|
EL8188FIZ-T7 EL8188ISZ-T7 |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
|
Intersil Corporation
|
AD861505 AD8615AUJZ-R2 AD8615AUJZ-REEL AD8615AUJZ- |
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices http://
|
|